Part Number Hot Search : 
DS4305 2SK80 PIC32 MAX420 A2S1CSQ CKE2009 RN164 B3916
Product Description
Full Text Search
 

To Download BUK455-60H Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
PowerMOS transistor
BUK455-60H
GENERAL DESCRIPTION
N-channel enhancement mode field-effect power transistor in a plastic envelope. The device is intended for use in Automotive applications, Switched Mode Power Supplies (SMPS), motor control, welding, DC/DC and AC/DC converters, and in general purpose switching applications.
QUICK REFERENCE DATA
SYMBOL VDS ID Ptot Tj RDS(ON) PARAMETER Drain-source voltage Drain current (DC) Total power dissipation Junction temperature Drain-source on-state resistance MAX. 60 43 125 175 34 UNIT V A W C m
PINNING - TO220AB
PIN 1 2 3 tab gate drain DESCRIPTION
PIN CONFIGURATION
tab
SYMBOL
d
g
source drain
1 23
s
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134) SYMBOL VDS VDGR VGS ID ID IDM Ptot Tstg Tj PARAMETER Drain-source voltage Drain-gate voltage Gate-source voltage Drain current (DC) Drain current (DC) Drain current (pulse peak value) Total power dissipation Storage temperature Junction Temperature CONDITIONS RGS = 20 k Tmb = 25 C Tmb = 100 C Tmb = 25 C Tmb = 25 C MIN. - 55 MAX. 60 60 30 43 31 172 125 175 175 UNIT V V V A A A W C C
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS TYP. 60 MAX. 1.2 UNIT K/W K/W
August 1994
1
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
BUK455-60H
STATIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL V(BR)DSS VGS(TO) IDSS IDSS IGSS RDS(ON) PARAMETER Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current Zero gate voltage drain current Gate source leakage current Drain-source on-state resistance CONDITIONS VGS = 0 V; ID = 0.25 mA VDS = VGS; ID = 1 mA VDS = 60 V; VGS = 0 V; Tj = 25 C VDS = 60 V; VGS = 0 V; Tj =125 C VGS = 30 V; VDS = 0 V VGS = 10 V; ID = 20 A MIN. 60 2.1 TYP. 3.0 1 0.1 10 24 MAX. 4.0 10 1.0 100 34 UNIT V V A mA nA m
DYNAMIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL gfs Ciss Coss Crss td on tr td off tf Ld Ld Ls PARAMETER Forward transconductance Input capacitance Output capacitance Feedback capacitance Turn-on delay time Turn-on rise time Turn-off delay time Turn-off fall time Internal drain inductance Internal drain inductance Internal source inductance CONDITIONS VDS = 25 V; ID = 20 A VGS = 0 V; VDS = 25 V; f = 1 MHz MIN. 8 TYP. 13.5 1000 470 180 25 60 125 100 3.5 4.5 7.5 MAX. 1600 600 275 40 90 160 130 UNIT S pF pF pF ns ns ns ns nH nH nH
VDD = 30 V; ID = 3 A; VGS = 10 V; RGS = 50 ; Rgen = 50 Measured from contact screw on tab to centre of die Measured from drain lead 6 mm from package to centre of die Measured from source lead 6 mm from package to source bond pad
REVERSE DIODE LIMITING VALUES AND CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL IDR IDRM VSD trr Qrr PARAMETER Continuous reverse drain current Pulsed reverse drain current Diode forward voltage Reverse recovery time Reverse recovery charge CONDITIONS IF = 43 A ; VGS = 0 V IF = 43 A; -dIF/dt = 100 A/s; VGS = 0 V; VR = 30 V MIN. TYP. 0.95 60 0.30 MAX. 43 172 2.0 UNIT A A V ns C
AVALANCHE LIMITING VALUE
Tmb = 25 C unless otherwise specified SYMBOL WDSS PARAMETER Drain-source non-repetitive unclamped inductive turn-off energy CONDITIONS ID = 43 A ; VDD 25 V ; VGS = 10 V ; RGS = 50 MIN. TYP. MAX. 100 UNIT mJ
August 1994
2
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
BUK455-60H
120 110 100 90 80 70 60 50 40 30 20 10 0
PD%
Normalised Power Derating
10
Zth j-mb / (K/W)
BUKx55-lv
1
D= 0.5 0.2 0.1 0.05 0.02 0 P D tp D= tp T t 1E+01
0.1
0.01
0
20
40
60
80 100 Tmb / C
120
140
160
180
0.001 1E-07
T 1E-05 1E-03 t/s 1E-01
Fig.1. Normalised power dissipation. PD% = 100PD/PD 25 C = f(Tmb)
ID% Normalised Current Derating
100
Fig.4. Transient thermal impedance. Zth j-mb = f(t); parameter D = tp/T
ID / A 15 20 80 10 9 VGS / V = 8 BUK4Y5-60H
120 110 100 90 80 70 60 50 40 30 20 10 0
60
7 6.5
40
6 5.5
20
5 4
0
20
40
60
80 100 Tmb / C
120
140
160
180
0
0
2
4 VDS / V
6
8
10
Fig.2. Normalised continuous drain current. ID% = 100ID/ID 25 C = f(Tmb); conditions: VGS 5 V
Fig.5. Typical output characteristics, Tj = 25 C. ID = f(VDS); parameter VGS
RDS(ON) / Ohm 4.5 5 5.5 6 6.5 7 BUK4Y5-60H
1000
ID / A
BUK455-60H
0.2
100
RD
O S(
N)
=
V
/ DS
ID
tp = 10 us 100 us
0.15 VGS / V = 8
0.1
10
DC
1 ms 10 ms 100 ms
10 0.05
9
15
1 1 10 VDS / V 100
0
0
20
40 ID / A
60
80
100
Fig.3. Safe operating area. Tmb = 25 C ID & IDM = f(VDS); IDM single pulse; parameter tp
Fig.6. Typical on-state resistance, Tj = 25 C. RDS(ON) = f(ID); parameter VGS
August 1994
3
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
BUK455-60H
100
ID / A
BUK4Y5-60H
4
VGS(TO) / V max.
80
typ. 3
60
min. 2
40
1
-40 25 150
20
Tj / C =
0
0
0
2
4
6 VGS / V
8
10
12
-60
-20
20
60 Tj / C
100
140
180
Fig.7. Typical transfer characteristics. ID = f(VGS) ; conditions: VDS = 25 V; parameter Tj
gfs / S BUK4Y5-60H
Fig.10. Gate threshold voltage. VGS(TO) = f(Tj); conditions: ID = 1 mA; VDS = VGS
ID / A SUB-THRESHOLD CONDUCTION
30 25 20 15
1E-01
1E-02
1E-03
2%
typ
98 %
1E-04
10
Tj / C =
1E-05
-40 25 150
5 0
1E-06
0
20
40 ID / A
60
80
100
0
1
2 VGS / V
3
4
Fig.8. Typical transconductance, Tj = 25 C. gfs = f(ID); conditions: VDS = 10 V
a
Fig.11. Sub-threshold drain current. ID = f(VGS); conditions: Tj = 25 C; VDS = VGS
C / pF 10000
2.0
Normalised RDS(ON) = f(Tj)
BUK4Y5-60H
Ciss Coss Crss
1.5
1.0
1000
0.5
0 -60 -20 20 60 Tj / C 100 140 180
100 0.1
1 VDS / V
10
100
Fig.9. Normalised drain-source on-state resistance. a = RDS(ON)/RDS(ON)25 C = f(Tj); ID = 20 A; VGS = 5 V
Fig.12. Typical capacitances, Ciss, Coss, Crss. C = f(VDS); conditions: VGS = 0 V; f = 1 MHz
August 1994
4
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
BUK455-60H
20
VGS / V
BUK4Y5-60H
120 110 100
WDSS%
15 VDD / V = 12 48 10
90 80 70 60 50 40
5
30 20 10
0
0
10
20
30 QG / nC
40
50
60
0 20 40 60 80 100 120 Tmb / C 140 160 180
Fig.13. Typical turn-on gate-charge characteristics. VGS = f(QG); conditions: ID = 43 A; parameter VDS
IS / A 100
Tj / C = -40 25 150
Fig.15. Normalised avalanche energy rating. WDSS% = f(Tmb); conditions: ID = 43 A
BUKXY5-60H
+
L VDS
VDD
80
60
VGS
40
-ID/100 T.U.T. R 01 shunt
0
20
RGS
0
0
0.5 VSDS / V
1
1.5
Fig.14. Typical reverse diode current. IF = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.16. Avalanche energy test circuit. 2 WDSS = 0.5 LID BVDSS /(BVDSS - VDD )
August 1994
5
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
BUK455-60H
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
4,5 max 10,3 max
1,3
3,7 2,8
5,9 min
15,8 max
3,0 max not tinned
3,0
13,5 min
1,3 max 1 2 3 (2x)
2,54 2,54
0,9 max (3x)
0,6 2,4
Fig.17. TO220AB; pin 2 connected to mounting base.
Notes 1. Observe the general handling precautions for electrostatic-discharge sensitive devices (ESDs) to prevent damage to MOS gate oxide. 2. Refer to mounting instructions for TO220 envelopes. 3. Epoxy meets UL94 V0 at 1/8".
August 1994
6
Rev 1.000
Philips Semiconductors
Product specification
PowerMOS transistor
BUK455-60H
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1996 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
August 1994
7
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BUK455-60H

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X